PART |
Description |
Maker |
SF16JZ51 SF16GZ51 |
MEDIUM POWER CONTROL APPLICATIONS THYRISTOR SILICON PLANAR TYPE MEDIUM POWER CONTROL APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
SF5J42-8A SF5J42 SF5J42-8L SF5G42 SF5G42-8A SF5G42 |
THYRISTOR SILICON PLANAR TYPE MEDIUM POWER CONTROL APPLICATIONS SILICON PLANAR TYPE (MEDIUM POWER CONTROL APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
T70RIA T50RIA120 T70RIA80 T90RIA120 T90RIA80 T50RI |
MEDIUM POWER PHASE CONTROL THYRISTORS
|
IRF[International Rectifier]
|
SF5G42 E002950 |
MEDIUM POWER CONTROL APPLICATIONS From old datasheet system
|
Toshiba
|
JV-12S-KT JV-12-KT |
POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
|
Fujitsu Component Limited.
|
JS-6-K JS-6-K-V3 JS-24-K-V3 JS-60-K JS-60-K-V3 JS- |
POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
|
http:// Fujitsu Component Limited. Fujitsu Media Devices Limited
|
SF10J41A E002876 |
MEDIUM POWER CONTROL APPLICATIONS From old datasheet system
|
Toshiba
|
50RIA160MS90 |
Medium Power Phase Control Thyristors (Stud Version), 50 A
|
Vishay Siliconix
|
25RIA160 25RIA80S90 25RIA 25RIA10 25RIA100 25RIA10 |
800V 25A Phase Control SCR in a TO-208AA (TO-48) package 1400V 40A Phase Control SCR in a TO-208AA (TO-48) package 1200V 25A Phase Control SCR in a TO-208AA (TO-48) package 1000V 25A Phase Control SCR in a TO-208AA (TO-48) package 100V 25A Phase Control SCR in a TO-208AA (TO-48) package 600V 25A Phase Control SCR in a TO-208AA (TO-48) package 400V 25A Phase Control SCR in a TO-208AA (TO-48) package 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
FTR-LYAA005Y FTR-LYAA006Y FTR-LYAA005VSK FTR-LYAA0 |
POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
|
Fujitsu Component Limited. Fujitsu Component Limit...
|
LZ-12H-K LZ-B12HMSE-CHV-UC LZ-B12VMSE-CHV-UC |
POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
|
Lite-On Technology Corporation Lite-On Technology Corp...
|
VS-70TPS12PBF |
The 70TPS.. High Voltage Series of silicon controlled rectifiers are specifically designed for high and medium power switching and phase control applications
|
Vishay Siliconix
|